Part Number Hot Search : 
ST63P26 AD8322 4VHC2 V0DS00 20200C TP17LT F101A 1N473
Product Description
Full Text Search
 

To Download CTMFCR0204FTDV0100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metal Film, Cylindrical Resistors
ctparts.com
Not shown at actual size.
CTMFCR Series
Compliant
RoHS
FEATURES
Advanced thin film technology. Excellent overall stability: Class 0.25 Force fitted steel caps, tin plated on nickel barrier. Pure Sn termination on Ni barrier layer. Compatible with lead (Pb)-free and lead containing solering processes. - Lead (Pb)-free and RoHS compliant -
APPLICATIONS
- Military - Automotive - Telecommunication - Medical equipment - Avionics - Space
PART NUMBERING
CTMFCR 0204 J 3 2 1
1. Product Type
Product Type CTMFCR Metal Film Resistor
T 4
D U 1002 7 56
5. TCR
Codes B N C D E Type 10 PPM/C 15 PPM/C 25 PPM/C 50 PPM/C 100 PPM/C
2. Dimensions (LxW)
EIA 0204 0207 Dimensions(LxW) 3.45x1.35mm 5.90x2.20mm
3. Resistance Tolerance
Codes Q A B C D F J Resistance Tolerance 0.02% 0.05% 0.10% 0.25% 0.50% 1.00% 5.00%
6. Power Rating
Codes T U V Type 1W 1/2W 1/4W
7. Resistance
Codes Type 0.10 10.0 2200 10000 49900 100000 1000000 R100
4. Packaging
Code T Tape & Reel QTY's CTMFCR0204 = 3000pcs per reel CTMFCR0207 = 2000pcs per reel Type Tape & Reel
0100 2201 1002 4992 1003 1004
05.05.08
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2008 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Metal Film, Cylindrical Resistors
ctparts.com
CTMFCR Series
PHYSICAL DIMENSIONS
L
Color code marking
Codes 0204 0207
L 3.450.3 5.900.3
oD 1.350.2 2.200.2
K 0.60.1 1.00.1
L1 Min 2.00 3.40
oD K
L1
STANDARD ELECTRICAL SPECIFICATIONS
Type CTMFCR0204 Power Rating at 70C 0.25W Operating Temp. Range -55C to +155C Max. Operating Voltage 200V Resistance Tolerance () 1%, 5% 0.5%, 1%, 5% 0.1%, 0.25%, 0.5%, 1% Resistance Range 0.1~10M 1.0~1M 50~200K TCR (PPM/C) 50, 200 50 10, 15, 25, 50
1%, 5% CTMFCR0207 0.50W -55C to +155C 300V 0.5%, 1%, 5% 0.1%, 0.25%, 0.5%, 1% 0.1%, 0.25%, 0.5%, 1%
0.1~10M 1.0~1M 50~200K 50~300K
50, 100 50 10, 15, 25, 50 15, 25, 50
05.05.08
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2008 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Metal Film, Cylindrical Resistors
ctparts.com
CTMFCR Series
ENVIRONMENTAL CHARACTERISTICS
Requirements Permissible Change (R) Test Item 0.25% Stability for product types CTMFCR0204 CTMFCR0207 50~220K 50~1M As Spec R0.1% Short Time Overload no visible damage R0.1% Thermal Shock no visible damage R0.25% R0.25% R0.50% R0.25% R0.1% 0.50% 10~<50 10~<50 0.50% Test Method >220K >1M MIL-STD-202F Method 304 +25/-55/+25/+125/+25C JIS-C-5202-5.5 RCWV*2.5 or Max Overloading Voltage 5 seconds MIL-STD-202F Method 107G -55C~150C, 100 cycles MIL-STD-202F Method 108A RCWV, 70C, 1.5 hours ON, 0.5 hours OFF, total 1000~1048 hours
Temperature Coefficient of Resistance
Load Life
R0.25% Humidity (Steady State) no visible damage Resistance to Dry Heat R0.50% R0.25% Low Temperature Operation no visible damage Solderability 95%min coverage R0.10% Resistance to Soldering Heat no visible damage *Storage Temperature: 253C; Humidity <80%RH
R0.50%
R0.50%
MIL-STD-202F Method 103B 40C, 90~95%RH,RCWV 1.5 hours ON, 0.5 hours OFF, total 1000~1048 hours JIS-C-5202-7.2 96 hours @ +155C without load JIS-C-5202-7.1 1 hour, -65C, followed by 45 minutes of RCWV MIL-STD-202F Method 208H 245C5C, 20.5 (sec)
R1.00% R0.50%
R1.00% R0.50%
R0.25%
R0.10%
MIL-STD-202F Method 210E 2605C, 101 seconds
05.05.08
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2008 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTMFCR0204FTDV0100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X